Part Number Hot Search : 
CS48C TC429CPA TO521 FDMS8 BZG03C6X CEU2303 770212 SBP1545
Product Description
Full Text Search
 

To Download MOX-300001007JE Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ohmite mfg. co. 1600 golf rd., rolling meadows, il 60008 ? 1-866-9-ohmite ? intl 1-847-258-0300 ? fax 1-847-574-7522 ? www.ohmite.com ? info@ohmite.com 83 the mini-mox resistor is very versatile, covering a wide resistance range as well as a wide range of operating volt - ages. provided with tolerances down to 1%, the mini-mox resistor works well in precision circuits. specification s material resistor: metal oxide coating: epoxy core: alumina terminals: solder-coated axial. rohs solder composition is 96% sn, 3.5% ag, 0.5% cu electrical resistance range: 100k to 1,500m power rating: 0.25w to 0.5w voltage rating: 500v to 1,000v tolerance: 0.1% to 20% operating temperature: -55c to +155c max. overload voltage: 1,000v (mox200) 1,500v (mox300) max. pulse voltage: 1,500v (mox200) 3,000v (mox300) mini-mox 0.25 watt and 0.5 watt precision thick film axial t erminal high voltage/high resistance f eatures ? rohs compliant ? wide resistance ranges ? epoxy coating ? metal oxide resistive element a pplications ? avionics ? medical electronics ? high gain feedback applications ? current pulse limiters ? vacuum and space application o hmite resistance p ower voltage a vailable a max. b 0.5mm d 0.05mm series range ( o hms) @25c rating t olerances* (in/ mm ) (in/mm) (in/mm) mox200 100k to 1,500m 0.25w 500v 0.1% to 20% 0.26 / 6.5 0.09 / 2.2 0.02 / 0.6 mox300 100k to 2,500m 0.50w 1,000v 0.1% to 20% 0.35 / 9 0.13 / 3.3 0.03 / 0.65 *some tolerances are not available over the entire resistance range. performance data characteristic test method specification short time overload rated power x2.5, 5 sec. 0.5% max. resistance to soldering heat 260c 5c, 10 1 sec. 0.5% max. temperature cycling -55c/+155c, 5 cycles 0.5% max. withstanding voltage 500 vdc, 60 10 sec. 0.5% max. insulation resistance 500 vdc 10,000m or more moisture resistance 40c 2c, 90-95%rh, 1000 hr. 1.5% max. load life 70c 3c, 1000 hr. 2% max. stan dard temp . c oefficient of resis tance series 100 ppm/c 200 ppm/c 300 ppm/c mox200 100k-100m 101m-1000m 1001m-1500m mox300 100k-100m 101m-1000m 1001m-2500m a b 30mm 3 d der ating 100 percent rated w atts ambient te mperature, c 60 20 0 0 80 40 155 25 75 125 175 -25 -75 70 -55 ordering information available tolerance s maximum value available tolerance mox200 mox300 0.10% 10m 10m 0.25% 20m 20m 0.50% 30m 30m 1%-20% 1500m 2500m g= 2% j= 5% k= 10% m= 15% p= 20% t olerance b= 0.10% c= 0.25% d= 0.5% f= 1% mini mox series mox-20000 or mox-30000 ohms first 3 digits are significant; 4th digit is multiplier (# of zeroes to follow). examples: 10r2 = 10.2 ohms 1000 = 100 ohms 1503 = 150,000 ohm s rohs compliant mox200001003f e r t ape and reel 2500 qty ./reel std. c heck product availability using the worldwide i nventory search at ohmite.com check product availability at www.ohmite.com 0.24" .4 6mm 1 2.05" .12 52mm 3 0.20 .02 5mm 0.5 0.03" 0.8mm max. l 1 l 2 l 1 C l 2 = 1mm max. 2.6" 67mm min. 0.05" 1.2mm max. 11 .02" 0.12 280mm 3 2.56" 0.08 65mm 2 0.59" 0.04 15mm 1 0 t ape an d reel


▲Up To Search▲   

 
Price & Availability of MOX-300001007JE

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X